công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1091 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1091 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1087Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1088Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1089Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1090Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1095Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1091 / 1250 page
background image
Section 26 Boundary Scan (JTAG)
Rev. 2.00 Aug. 20, 2008 Page 1043 of 1198
REJ09B0403-0200
In a PRELOAD operation, an initial value is set in the parallel output latch of the boundary scan
register from the scan path prior to the EXTEST instruction. Without a PRELOAD operation,
when the EXTEST instruction was executed an undefined value would be output from the output
pin until completion of the initial scan sequence (transfer to the output latch) (with the EXTEST
instruction, the parallel output latch value is constantly output to the output pin).
(3)
EXTEST (Instruction code: B'0000)
The EXTEST instruction is provided to test external circuitry when this LSI is mounted on a
printed circuit board. When this instruction is executed, output pins are used to output test data
(previously set by the SAMPLE/PRELOAD instruction) from the boundary scan register to the
printed circuit board, and input pins are used to latch test results into the boundary scan register
from the printed circuit board. If testing is carried out by using the EXTEST instruction N times,
the Nth test data is scanned in when test data (N-1) is scanned out.
Data loaded into the output pin boundary scan register in the Capture-DR state is not used for
external circuit testing (it is replaced by a shift operation).
(4)
CLAMP (Instruction code: B'0010)
When the CLAMP instruction is enabled, the output pin outputs the value of the boundary scan
register that has been previously set by the SAMPLE/PRELOAD instruction. While the CLAMP
instruction is enabled, the state of the boundary scan register maintains the previous state
regardless of the state of the TAP controller.
A bypass register is connected between the ETDI and ETDO pins. The related circuit operates in
the same way when the BYPASS instruction is enabled.
(5)
HIGHZ (Instruction code: B'0011)
When the HIGHZ instruction is enabled, all output pins enter a high-impedance state. While the
HIGHZ instruction is enabled, the state of the boundary scan register maintains the previous state
regardless of the state of the TAP controller.
A bypass register is connected between the ETDI and ETDO pins. The related circuit operates in
the same way when the BYPASS instruction is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com