công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1093 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1093 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1089Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1090Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1097Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1093 / 1250 page
background image
Section 26 Boundary Scan (JTAG)
Rev. 2.00 Aug. 20, 2008 Page 1045 of 1198
REJ09B0403-0200
26.6
Usage Notes
1. A reset must always be executed by driving the
ETRST pin to 0, regardless of whether or not
the JTAG is to be activated. The
ETRST pin must be held low for 20 ETCK clock cycles. For
details, see section 31, Electrical Characteristics. To activate the JTAG after a reset, drive the
ETRST pin to 1 and specify the ETCK, ETMS, and ETDI pins to any value. If the JTAG is not
to be activated, drive the
ETRST, ETCK, ETMS, and ETDI pins to 1 or the high-impedance
state.
2. The following must be considered when the power-on reset signal is applied to the
ETRST pin.
 The reset signal must be applied at power-on.
 To prevent the LSI system operation from being affected by the ETRST pin of the board
tester, circuits must be separated.
 Alternatively, to prevent the ETRST pin of the board tester from being affected by the LSI
system reset, circuits must be separated.
Figure 26.3 shows a design example of the reset signal circuit wherein no reset signal
interference occurs.
Power-on
reset circuit
Board edge pin
System reset
ETRST
RES
ETRST
This LSI
Figure 26.3 Reset Signal Circuit Without Reset Signal Interference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com