công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1097 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1097 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1099Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1100Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1097 / 1250 page
background image
Section 27 Clock Pulse Generator
Rev. 2.00 Aug. 20, 2008 Page 1049 of 1198
REJ09B0403-0200
Section 27 Clock Pulse Generator
This LSI incorporates a clock pulse generator which generates the system clock (
φ), internal clock,
bus master clock, and subclock (
φSUB). The clock pulse generator consists of an oscillator, PLL
multiplier circuit, system clock select circuit, medium-speed clock divider, bus master clock select
circuit, subclock input circuit, and subclock waveform shaping circuit. Figure 27.1 shows a block
diagram of the clock pulse generator.
WDT_1
count clock
φ
φ/2
to
φ/32
φSUB
EXTAL
XTAL
EXCL
Subclock
input circuit
Subclock
waveform
shaping
circuit
PLL
multiplier
circuit
Oscillator
System clock
to
φ pin
Internal clock
to peripheral
modules
Bus master clock
to CPU and DTC
System clock
select circuit
Medium-
speed clock
divider
Bus master
clock select
circuit
φ
Figure 27.1 Block Diagram of Clock Pulse Generator
The bus master clock is selected as either high-speed mode or medium-speed mode by software
according to the settings of the SCK2 to SCK0 bits in the standby control register. Use of the
medium-speed clock (
φ/2 to φ/32) may be limited during CPU operation and when accessing the
internal memory of the CPU. The operation speed of the DTC and the external space access cycle
are thus stabilized regardless of the setting of medium-speed mode. For details on the standby
control register, see section 28.1.1, Standby Control Register (SBYCR).
The subclock input is controlled by software according to the EXCLE bit setting in the low power
control register. For details on the low power control register, see section 28.1.2, Low-Power
Control Register (LPWRCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com