công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1099 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1099 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1099Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1100Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1101Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1102Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1099 / 1250 page
background image
Section 27 Clock Pulse Generator
Rev. 2.00 Aug. 20, 2008 Page 1051 of 1198
REJ09B0403-0200
Table 27.2
Crystal Resonator Parameters
Frequency (MHz)
5
8
8.5
R
S (max) (Ω)
100
80
70
C
0 (max) (pF)
7
7
7
27.1.2
External Clock Input Method
Figure 27.4 shows a typical method of connecting an external clock signal. To leave the XTAL
pin open, incidental capacitance should be 10 pF or less.
To input an inverted clock to the XTAL pin, the external clock should be tied to high in standby
mode.
EXTAL
XTAL
External clock input
Open
(a) Example of external clock input when XTAL pin left open
EXTAL
XTAL
External clock input
(b) Example of external clock input when an inverted clock is input to XTAL pin
Figure 27.4 Example of External Clock Input
When a specified clock signal is input to the EXTAL pin, internal clock signal output is
determined after the external clock output stabilization delay time (t
DEXT) has passed. As the clock
signal output is not determined during the t
DEXT cycle, a reset signal should be set to low to hold it
in reset state. For the external clock output stabilization delay time, refer to section 31, Electrical
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com