công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1100 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1100 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1099Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1100Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1101Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1102Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1103Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1100 / 1250 page
background image
Section 27 Clock Pulse Generator
Rev. 2.00 Aug. 20, 2008 Page 1052 of 1198
REJ09B0403-0200
27.2
PLL Multiplier Circuit
The PLL multiplier circuit generates a clock of 4 times the frequency of its input clock. The
frequency range of the multiplied clock is shown in table 27.3.
Table 27.3
Ranges of Multiplied Clock Frequency
Input Clock (MHz)
Multiplier
System Clock (MHz)
Crystal Resonator,
External Clock
5 to 8.5
4
20 to 34
27.3
Medium-Speed Clock Divider
The medium-speed clock divider divides the system clock (
φ), and generates φ/2, φ/4, φ/8, φ/16,
and
φ/32 clocks.
27.4
Bus Master Clock Select Circuit
The bus master clock select circuit selects a clock to supply the bus master with either the system
clock (
φ) or medium-speed clock (φ/2, φ/4, φ/8, φ/16, or φ/32) by the SCK2 to SCK0 bits in
SBYCR.
27.5
Subclock Input Circuit
The subclock input circuit controls subclock input from the EXCL pin. To use the subclock, a
32.768-kHz external clock should be input from the EXCL pin. At this time, the P56DDR bit in
P5DDR should be cleared to 0, and the EXCLE bit in LPWRCR should be set to 1.
When the subclock is not used, subclock input should not be enabled.
27.6
Subclock Waveform Shaping Circuit
To remove noise from the subclock input at the EXCL pin, the subclock is sampled by a divided
φ
clock. The sampling frequency is set by the NESEL bit in LPWRCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com