công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1104 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1104 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1100Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1101Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1102Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1103Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1104Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1105Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1106Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1107Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1104 / 1250 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Aug. 20, 2008 Page 1056 of 1198
REJ09B0403-0200
28.1
Register Descriptions
Power-down modes are controlled by the following registers. To access SBYCR, LPWRCR,
MSTPCRH, and MSTPCRL, the FLSHE bit in the serial timer control register (STCR) must be
cleared to 0. For details on STCR, see section 3.2.3, Serial Timer Control Register (STCR).
• Standby control register (SBYCR)
• Low power control register (LPWRCR)
• Module stop control register H (MSTPCRH)
• Module stop control register L (MSTPCRL)
• Module stop control register A (MSTPCRA)
• Sub-chip module stop control register BH, BL (SUBMSTPBH, SUBMSTPBL)
28.1.1
Standby Control Register (SBYCR)
SBYCR controls power-down modes.
Bit
Bit Name
Initial
Value
R/W
Description
7
SSBY
0
R/W
Software Standby
Specifies the operating mode to be entered after
executing the SLEEP instruction.
When the SLEEP instruction is executed in high-speed
mode or medium-speed mode:
0: Shifts to sleep mode
1: Shifts to software standby mode
Note that the SSBY bit is not changed even if a mode
transition occurs by an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com