công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1105 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1105 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1101Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1102Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1103Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1104Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1105Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1106Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1107Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1108Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1105 / 1250 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Aug. 20, 2008 Page 1057 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
6
5
4
STS2
STS1
STS0
0
0
0
R/W
R/W
R/W
Standby Timer Select 2 to 0
Select the wait time for clock settling from clock oscillation
start when canceling software standby mode. Select a
wait time of 8 ms (oscillation settling time) or more,
depending on the operating frequency.
With an external clock, select a wait time of 500
µs
(external clock output settling delay time) or more,
depending on the operating frequency.
Table 28.1 shows the relationship between the STS2 to
STS0 values and wait time.
3
DTSPEED
0
R/W
DTC Speed
Specifies the operating clock for the bus masters (DTC)
other than the CPU in medium-speed mode.
0: All bus masters operate based on the medium-speed
clock.
1: The DTC operates based on the system clock.
The operating clock is changed when a DTC transfer is
requested even if the CPU operates based on the
medium-speed clock.
2
1
0
SCK2
SCK1
SCK0
0
0
0
R/W
R/W
R/W
System Clock Select 2 to 0
Select a clock for the bus master in high-speed mode or
medium-speed mode.
000: High-speed mode (Initial value)
001: Medium-speed clock:
φ/2
010: Medium-speed clock:
φ/4
011: Medium-speed clock:
φ/8
100: Medium-speed clock:
φ/16
101: Medium-speed clock:
φ/32
11x: Must not be set.
[Legend]
x:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com