công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1102 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1102 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1099Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1100Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1101Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1102Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1103Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1104Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1105Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1102 / 1250 page
background image
Section 27 Clock Pulse Generator
Rev. 2.00 Aug. 20, 2008 Page 1054 of 1198
REJ09B0403-0200
27.8
Usage Notes
27.8.1
Note on Resonator
Since all kinds of characteristics of the resonator are closely related to the board design by the
user, use the example of resonator connection in this document for only reference; be sure to use
an resonator that has been sufficiently evaluated by the user. Consult with the resonator
manufacturer about the resonator circuit ratings which vary depending on the stray capacitances of
the resonator and installation circuit. Make sure the voltage applied to the oscillation pins do not
exceed the maximum rating.
27.8.2
Notes on Board Design
When using a crystal resonator, the crystal resonator and its load capacitors should be placed as
close as possible to the EXTAL and XTAL pins. Other signal lines should be routed away from
the oscillation circuit to prevent inductive interference with the correct oscillation as shown in
figure 27.5.
CL2
Signal A Signal B
CL1
This LSI
XTAL
EXTAL
Prohibited
Figure 27.5 Note on Board Design of Oscillation Circuit Section
27.8.3
Note on Operation Check
This LSI may oscillate at several kHz of frequency even when a crystal resonator is not connected
to the EXTAL and XTAL pins or an external clock is not input. Use this LSI after confirming that
the LSI operates with appropriate frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com