công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1092 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1092 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1088Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1089Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1090Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1096Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1092 / 1250 page
background image
Section 26 Boundary Scan (JTAG)
Rev. 2.00 Aug. 20, 2008 Page 1044 of 1198
REJ09B0403-0200
(6)
IDCODE (Instruction code: B'1110)
When the IDCODE instruction is enabled, the value of the ID code register is output from the
ETDO pin with LSB first when the TAP controller is in the Shift-DR state. While the IDCODE
instruction is being executed, the test circuit does not affect the system circuit.
When the TAP controller is in the Test-Logic-Reset state, the instruction register is initialized to
the IDCODE instruction.
Notes: 1. Boundary scan mode does not cover power-supply-related pins (VCC, VCL, VSS,
AVCC, AVSS, Avref, PEVref, DrVCC, DrVSS, and VBUS).
2. Boundary scan mode does not cover clock-related pins (EXTAL, XTAL, UEXTAL,
UXTAL).
3. Boundary scan mode does not cover reset- and standby-related pins (
RES, STBY, and
RESO).
4. Boundary scan mode does not cover JTAG-related pins (ETCK, ETDI, ETDO, ETMS,
and
ETRST).
5. Fix the
MD2 pin high.
6. Use the
STBY pin in high state.
7. Boundary scan mode does not cover the PECI pin.
8. Boundary scan mode does not cover the USB pins (USB+, USB-).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com