công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1090 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1090 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1086Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1087Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1088Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1089Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1090Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1094Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1090 / 1250 page
background image
Section 26 Boundary Scan (JTAG)
Rev. 2.00 Aug. 20, 2008 Page 1042 of 1198
REJ09B0403-0200
26.4.2
JTAG Reset
The JTAG can be reset in two ways.
• The JTAG is reset when the ETRST pin is held at 0.
• When ETRST = 1, the JTAG can be reset by inputting at least five ETCK clock cycles while
ETMS = 1.
26.5
Boundary Scan
The JTAG pins can be placed in the boundary scan mode stipulated by the IEEE1149.1 standard
by setting a command in SDIR.
26.5.1
Supported Instructions
This LSI supports the three essential instructions defined in the IEEE1149.1 standard (BYPASS,
SAMPLE/PRELOAD, and EXTEST) and optional instructions (CLAMP, HIGHZ, and IDCODE).
(1)
BYPASS (Instruction code: B'1111)
The BYPASS instruction is an instruction that operates the bypass register. This instruction
shortens the shift path to speed up serial data transfer involving other chips on the printed circuit
board. While this instruction is being executed, the test circuit has no effect on the system
circuits.
(2)
SAMPLE/PRELOAD (Instruction code: B'0100)
The SAMPLE/PRELOAD instruction inputs values from this LSI internal circuitry to the
boundary scan register, outputs values from the scan path, and loads data onto the scan path.
When this instruction is being executed, this LSI's input pin signals are transmitted directly to the
internal circuitry, and internal circuit values are directly output externally from the output pins.
This LSI system circuits are not affected by execution of this instruction.
In a SAMPLE operation, a snapshot of a value to be transferred from an input pin to the internal
circuitry, or a value to be transferred from the internal circuitry to an output pin, is latched into the
boundary scan register and read from the scan path. Snapshot latching does not affect normal
operation of this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com