công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 887 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 887 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 883Page - Renesas Technology Corp H8S/2472 Datasheet HTML 884Page - Renesas Technology Corp H8S/2472 Datasheet HTML 885Page - Renesas Technology Corp H8S/2472 Datasheet HTML 886Page - Renesas Technology Corp H8S/2472 Datasheet HTML 887Page - Renesas Technology Corp H8S/2472 Datasheet HTML 888Page - Renesas Technology Corp H8S/2472 Datasheet HTML 889Page - Renesas Technology Corp H8S/2472 Datasheet HTML 890Page - Renesas Technology Corp H8S/2472 Datasheet HTML 891Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 887 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 839 of 1198
REJ09B0403-0200
22.3.5
Interrupt Select Register 1 (ISR1)
ISR1 selects the vector numbers of the interrupt requests indicated in interrupt flag register 1
(IFR1). If the USB issues an interrupt request to the INTC when a bit in ISR0 is cleared to 0, the
interrupt corresponding to the bit will be USBINTN2. If the USB issues an interrupt request to the
INTC when a bit in ISR0 is set to 1, the corresponding interrupt will be USBINTN3.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
2
EP3 TR
1
R/W
EP3 Transfer Request
1
EP3 TS
1
R/W
EP3 Transmission Complete
0
VBUSF
1
R/W
USB Bus Connect
22.3.6
Interrupt Select Register 2 (ISR2)
ISR2 selects the vector numbers of the interrupt requests indicated in interrupt flag register 2
(IFR2). If the USB issues an interrupt request to the INTC when a bit in ISR0 is cleared to 0, the
interrupt corresponding to the bit will be USBINTN2. If the USB issues an interrupt request to the
INTC when a bit in ISR0 is set to 1, the corresponding interrupt will be USBINTN3.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
4
SURSE
1
R/W
Suspend/Resume Detection
3
CFDN
1
R/W
End Point Information Load End
2
SOF
1
R/W
SOF Interrupt Detection
1
SETCE
1
R/W
Set_Configuration Command Detection
0
SETIE
1
R/W
Set_Interface Command Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com