công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 888 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 888 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 884Page - Renesas Technology Corp H8S/2472 Datasheet HTML 885Page - Renesas Technology Corp H8S/2472 Datasheet HTML 886Page - Renesas Technology Corp H8S/2472 Datasheet HTML 887Page - Renesas Technology Corp H8S/2472 Datasheet HTML 888Page - Renesas Technology Corp H8S/2472 Datasheet HTML 889Page - Renesas Technology Corp H8S/2472 Datasheet HTML 890Page - Renesas Technology Corp H8S/2472 Datasheet HTML 891Page - Renesas Technology Corp H8S/2472 Datasheet HTML 892Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 888 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 840 of 1198
REJ09B0403-0200
22.3.7
Interrupt Enable Register 0 (IER0)
IER0 enables the interrupt requests of interrupt flag register 0 (IFR0). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 0
(ISR0).
Bit
Bit Name
Initial
Value
R/W
Description
7
BRST
0
R/W
Bus Reset
6
EP1 FULL
0
R/W
EP1 FIFO Full
5
EP2 TR
0
R/W
EP2 Transfer Request
4
EP2 EMPTY
0
R/W
EP2 FIFO Empty
3
SETUP TS
0
R/W
Setup Command Receive Complete
2
EP0o TS
0
R/W
EP0o Receive Complete
1
EP0i TR
0
R/W
EP0i Transfer Request
0
EP0i TS
0
R/W
EP0i Transmission Complete
22.3.8
Interrupt Enable Register 1 (IER1)
IER1 enables the interrupt requests of interrupt flag register 1 (IFR1). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 1
(ISR1).
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
2
EP3 TR
0
R/W
EP3 Transfer Request
1
EP3 TS
0
R/W
EP3 Transmission Complete
0
VBUSF
0
R/W
USB Bus Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com