công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 885 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 885 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 881Page - Renesas Technology Corp H8S/2472 Datasheet HTML 882Page - Renesas Technology Corp H8S/2472 Datasheet HTML 883Page - Renesas Technology Corp H8S/2472 Datasheet HTML 884Page - Renesas Technology Corp H8S/2472 Datasheet HTML 885Page - Renesas Technology Corp H8S/2472 Datasheet HTML 886Page - Renesas Technology Corp H8S/2472 Datasheet HTML 887Page - Renesas Technology Corp H8S/2472 Datasheet HTML 888Page - Renesas Technology Corp H8S/2472 Datasheet HTML 889Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 885 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 837 of 1198
REJ09B0403-0200
22.3.3
Interrupt Flag Register 2 (IFR2)
IFR2, together with interrupt flag registers 0 and 1 (IFR0 and IFR1), indicates interrupt status
information required by the application. When an interrupt source is generated, the corresponding
bit is set to 1. And then this bit, in combination with interrupt enable register 2 (IER2), generates
an interrupt request to the CPU. To clear, write 0 to the bit to be cleared and 1 to the other bits.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
5
SURSS
0
R
Suspend/Resume Status
This is a status bit that describes bus state.
0: Normal state
1: Suspended state
This bit is a status bit and generates no interrupt
request.
4
SURSF
0
R/W
Suspend/Resume Detection
This bit is set to 1 when the state changed from normal
to suspended state or vice versa. The corresponding
interrupt output is RESUME, USBINTN2, and
USBINTN3.
3
CFDN
0
R/W
End Point Information Load End
This bit is set to 1 when writing data in the endpoint
information register to the EPIR register ends (load
end). This module starts the USB operation after the
endpoint information is completely set.
2
SOF
0
R
SOF Interrupt Detection
This bit is set to 1 when an SOF interrupt is detected.
1
SETC
0
R/W
Set_Configuration Command Detection
When the Set_Configuration command is detected, this
bit is set to 1.
0
SETI
0
R/W
Set_Interface Command Detection
When the Set_Interface command is detected, this bit
is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com