công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 889 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 889 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 885Page - Renesas Technology Corp H8S/2472 Datasheet HTML 886Page - Renesas Technology Corp H8S/2472 Datasheet HTML 887Page - Renesas Technology Corp H8S/2472 Datasheet HTML 888Page - Renesas Technology Corp H8S/2472 Datasheet HTML 889Page - Renesas Technology Corp H8S/2472 Datasheet HTML 890Page - Renesas Technology Corp H8S/2472 Datasheet HTML 891Page - Renesas Technology Corp H8S/2472 Datasheet HTML 892Page - Renesas Technology Corp H8S/2472 Datasheet HTML 893Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 889 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 841 of 1198
REJ09B0403-0200
22.3.9
Interrupt Enable Register 2 (IER2)
IER2 enables the interrupt requests of interrupt flag register 2 (IFR2). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 2
(ISR2).
Bit
Bit Name
Initial
Value
R/W
Description
7
SSRSME
0
R/W
Resume Detection for Software Standby Cancel
For the details of the operation, see section 22.5.3,
Suspend and Resume Operations.
6, 5
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
4
SURSE
0
R/W
Suspend/Resume Detection
For the details of the operation, see section 22.5.3,
Suspend and Resume Operations.
3
CFDN
0
R/W
End Point Information Load End
2
SOF
0
R/W
SOF Interrupt Detection
1
SETCE
0
R/W
Set_Configuration Command Detection
0
SETIE
0
R/W
Set_Interface Command Detection
22.3.10
EP0i Data Register (EPDR0i)
EPDR0i is an 8-byte transmit FIFO buffer for endpoint 0. EPDR0i holds one packet of transmit
data for control-in. Transmit data is fixed by writing one packet of data and setting EP0iPKTE in
the trigger register. When an ACK handshake is returned from the host after the data has been
transmitted, EP0iTS in interrupt flag register 0 is set. This FIFO buffer can be initialized by means
of EP0iCLR in the FCLR register.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
Undefined W
Data register for control-in transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com