công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 890 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 890 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 886Page - Renesas Technology Corp H8S/2472 Datasheet HTML 887Page - Renesas Technology Corp H8S/2472 Datasheet HTML 888Page - Renesas Technology Corp H8S/2472 Datasheet HTML 889Page - Renesas Technology Corp H8S/2472 Datasheet HTML 890Page - Renesas Technology Corp H8S/2472 Datasheet HTML 891Page - Renesas Technology Corp H8S/2472 Datasheet HTML 892Page - Renesas Technology Corp H8S/2472 Datasheet HTML 893Page - Renesas Technology Corp H8S/2472 Datasheet HTML 894Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 890 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 842 of 1198
REJ09B0403-0200
22.3.11
EP0o Data Register (EPDR0o)
EPDR0o is an 8-byte receive FIFO buffer for endpoint 0. EPDR0o holds endpoint 0 receive data
other than setup commands. When data is received successfully, EP0oTS in interrupt flag register
0 is set, and the number of receive bytes is indicated in the EP0o receive data size register. After
the data has been read, setting EP0oRDFN in the trigger register enables the next packet to be
received.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
All 0
R
Data register for control-out transfer
22.3.12
EP0s Data Register (EPDR0s)
EPDR0s is an 8-byte FIFO buffer specifically for receiving endpoint 0 setup commands. Only the
setup command to be processed by the application is received. When command data is received
successfully, the SETUPTS bit in interrupt flag register 0 is set.
As a latest setup command must be received in high priority, if data is left in this buffer, it will be
overwritten with new data. If reception of the next command is started while the current command
is being read, command reception has priority, the read by the application is forcibly stopped, and
the read data is invalid.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
All 0
R
Data register for storing the setup command at the
control-out transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com