công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 883 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 883 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 879Page - Renesas Technology Corp H8S/2472 Datasheet HTML 880Page - Renesas Technology Corp H8S/2472 Datasheet HTML 881Page - Renesas Technology Corp H8S/2472 Datasheet HTML 882Page - Renesas Technology Corp H8S/2472 Datasheet HTML 883Page - Renesas Technology Corp H8S/2472 Datasheet HTML 884Page - Renesas Technology Corp H8S/2472 Datasheet HTML 885Page - Renesas Technology Corp H8S/2472 Datasheet HTML 886Page - Renesas Technology Corp H8S/2472 Datasheet HTML 887Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 835 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
EP2EMPTY
1
R/(W)
EP2 FIFO Empty
[Reading]
This bit is set when at least one of the dual endpoint 2
transmit FIFO buffers is ready for transmit data to be
written. This bit cannot be cleared.
[Writing]
When the data in endpoint 2 is transferred by the DTC,
writing 0 to this bit clears the request for a DTC transfer
end interrupt. If the DTC transfer is not used, always
write 1 to this bit.
3
SETUPTS
0
R/W
Setup Command Receive Complete
This bit is set to 1 when endpoint 0 receives successfully
a setup command requiring decoding on the application
side, and returns an ACK handshake to the host.
2
EP0oTS
0
R/W
EP0o Receive Complete
This bit is set to 1 when endpoint 0 receives data from
the host successfully, stores the data in the FIFO buffer,
and returns an ACK handshake to the host.
1
EP0iTR
0
R/W
EP0i Transfer Request
This bit is set if there is no valid transmit data in the FIFO
buffer when an IN token for endpoint 0 is received from
the host. A NAK handshake is returned to the host until
data is written to the FIFO buffer and packet
transmission is enabled.
0
EP0iTS
0
R/W
EP0i Transmit Complete
This bit is set when data is transmitted to the host from
endpoint 0 and an ACK handshake is returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com