công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 846 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 846 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 842Page - Renesas Technology Corp H8S/2472 Datasheet HTML 843Page - Renesas Technology Corp H8S/2472 Datasheet HTML 844Page - Renesas Technology Corp H8S/2472 Datasheet HTML 845Page - Renesas Technology Corp H8S/2472 Datasheet HTML 846Page - Renesas Technology Corp H8S/2472 Datasheet HTML 847Page - Renesas Technology Corp H8S/2472 Datasheet HTML 848Page - Renesas Technology Corp H8S/2472 Datasheet HTML 849Page - Renesas Technology Corp H8S/2472 Datasheet HTML 850Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 846 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 798 of 1198
REJ09B0403-0200
21.2.6
EtherC/E-DMAC Status Register (EESR)
EESR is a 32-bit readable/writable register that shows communications status information on the
E-DMAC in combination with the EtherC. The information in this register is reported in the form
of interrupts. Individual bits are cleared by writing 1 (however, bit 22 (ECI) is a read-only bit and
not to be cleared by writing 1) and are not affected by writing 0. Each interrupt source can also be
masked by means of the corresponding bit in the EtherC/E-DMAC status interrupt permission
register (EESIPR).
The interrupts generated by this register are EINT0. For interrupt priority, see section 5.5,
Interrupt Exception Handling Vector Table.
Bit
Bit Name
Initial
value
R/W
Description
31
0
R
Reserved
This bit is always read as 0. The initial value should
not be changed.
30
TWB
0
R/W
Write-Back Complete
Indicates that write-back from the E-DMAC to the
corresponding descriptor has completed. This
operation is enabled when the TIS bit in TRIMD is set
to 1.
0: Write-back has not completed, or no transmission
directive
1: Write-back has completed
29 to 27
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
26
TABT
0
R/W
Transmit Abort Detection
Indicates that the EtherC aborts transmitting a frame
because of failures during transmitting the frame.
0: Frame transmission has not been aborted or no
transmit directive
1: Frame transmit has been aborted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com