công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 842 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 842 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 838Page - Renesas Technology Corp H8S/2472 Datasheet HTML 839Page - Renesas Technology Corp H8S/2472 Datasheet HTML 840Page - Renesas Technology Corp H8S/2472 Datasheet HTML 841Page - Renesas Technology Corp H8S/2472 Datasheet HTML 842Page - Renesas Technology Corp H8S/2472 Datasheet HTML 843Page - Renesas Technology Corp H8S/2472 Datasheet HTML 844Page - Renesas Technology Corp H8S/2472 Datasheet HTML 845Page - Renesas Technology Corp H8S/2472 Datasheet HTML 846Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 794 of 1198
REJ09B0403-0200
21.2.1
E-DMAC Mode Register (EDMR)
EDMR is a 32-bit readable/writable register that specifies the operating mode of the E-DMAC.
The settings in this register are normally made in the initialization process following a reset. If the
EtherC and E-DMAC are initialized by means of this register during data transmission, abnormal
data may be sent onto the line. Operating mode settings must not be changed while the transmit
and receive functions are enabled. To change the operating mode, the EtherC and E-DMAC
modules are got into at their initial state by means of the software reset bit (SWR) in this register,
then make new settings. It takes 64 states to initialize the EtherC and E-DMAC. Therefore,
registers of the EtherC and E-DMAC should be accessed after 64 states have elapsed.
Bit
Bit Name
Initial
value
R/W
Description
31 to 7
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
6
DE
0
R/W
E-DMAC Data Endian Convert
Selects whether or not the endian format is converted
on data transfer by the E-DMAC. However, the
endian format of the descriptors and E-DMAC register
values are not converted regardless of this bit setting.
0: Endian format not converted (big endian)
1: Endian format converted (little endian)
5
4
DL1
DL0
0
0
R/W
R/W
Transmit/Receive Descriptor Length
These bits specify the transmit/receive descriptor
length.
00: 16 bytes
01: 32 bytes
10: 64 bytes
11: Setting prohibited
3 to 1
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com