công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 843 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 843 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 839Page - Renesas Technology Corp H8S/2472 Datasheet HTML 840Page - Renesas Technology Corp H8S/2472 Datasheet HTML 841Page - Renesas Technology Corp H8S/2472 Datasheet HTML 842Page - Renesas Technology Corp H8S/2472 Datasheet HTML 843Page - Renesas Technology Corp H8S/2472 Datasheet HTML 844Page - Renesas Technology Corp H8S/2472 Datasheet HTML 845Page - Renesas Technology Corp H8S/2472 Datasheet HTML 846Page - Renesas Technology Corp H8S/2472 Datasheet HTML 847Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 843 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 795 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
value
R/W
Description
0
SWR
0
R/W
Software Reset
Writing 1 in this bit initializes registers of the E-DMAC
other than TDLAR, RDLAR, RMFCR, and ECBRR, and
registers of the EtherC. While a software reset is issued
(for 64 states), accesses to the all Ethernet-related
registers are prohibited.
Software reset period (example):
When
φ = 34 MHz: 1.88 µs
This bit is always read as 0.
0: Writing 0 is ignored (E-DMAC operation is not
affected)
1: Writing 1 resets the EtherC and E-DMAC and then
automatically cleared
21.2.2
E-DMAC Transmit Request Register (EDTRR)
The EDTRR is a 32-bit readable/writable register that issues transmit directives to the E-DMAC.
When transmission of one frame is completed, the next descriptor is read. If the transmit
descriptor active bit in this descriptor has the "active" setting, transmission is continued. If the
transmit descriptor active bit has the "inactive" setting, the TR bit is cleared and operation of the
transmit DMAC is halted.
Bit
Bit Name
Initial
value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
0
TR
0
R/W
Transmit Request
Check TR = 0 before transmission is started.
0: Transmission-halted state. Writing 0 does not stop
transmission. Termination of transmission is
controlled by the active bit in the transmit descriptor
1: Start of transmission. The relevant descriptor is read
and a frame is sent with the transmit active bit set to
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com