công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 845 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 845 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 841Page - Renesas Technology Corp H8S/2472 Datasheet HTML 842Page - Renesas Technology Corp H8S/2472 Datasheet HTML 843Page - Renesas Technology Corp H8S/2472 Datasheet HTML 844Page - Renesas Technology Corp H8S/2472 Datasheet HTML 845Page - Renesas Technology Corp H8S/2472 Datasheet HTML 846Page - Renesas Technology Corp H8S/2472 Datasheet HTML 847Page - Renesas Technology Corp H8S/2472 Datasheet HTML 848Page - Renesas Technology Corp H8S/2472 Datasheet HTML 849Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 845 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 797 of 1198
REJ09B0403-0200
21.2.4
Transmit Descriptor List Address Register (TDLAR)
TDLAR is a 32-bit readable/writable register that specifies the start address of the transmit
descriptor list. Descriptors have a boundary configuration in accordance with the descriptor length
indicated by the DL bit in EDMR. This register must not be written to during transmission.
Modifications to this register should only be made while transmission is disabled by the TR bit
(
= 0) in the E-DMAC transmit request register (EDTRR).
Bit
Bit Name
Initial
value
R/W
Description
31 to 0
TDLA31 to
TDLA0
All 0
R/W
Transmit Descriptor Start Address
The lower bits are set as follows according to the
specified descriptor length.
16-byte boundary: TDLA3 to TDLA0 = 0000
32-byte boundary: TDLA4 to TDLA0 = 00000
64-byte boundary: TDLA5 to TDLA0 = 000000
21.2.5
Receive Descriptor List Address Register (RDLAR)
RDLAR is a 32-bit readable/writable register that specifies the start address of the receive
descriptor list. Descriptors have a boundary configuration in accordance with the descriptor length
indicated by the DL bit in EDMR. This register must not be written to during reception.
Modifications to this register should only be made while reception is disabled by the RR bit (=0)
in the E-DMAC Receive Request Register (EDRRR).
Bit
Bit Name
Initial
value
R/W
Description
31 to 0
RDLA31 to
RDLA0
All 0
R/W
Receive Descriptor Start Address
The lower bits are set as follows according to the
specified descriptor length.
16-byte boundary: RDLA3 to RDLA0 = 0000
32-byte boundary: RDLA4 to RDLA0 = 00000
64-byte boundary: RDLA5 to RDLA0 = 000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com