công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 849 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 849 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 845Page - Renesas Technology Corp H8S/2472 Datasheet HTML 846Page - Renesas Technology Corp H8S/2472 Datasheet HTML 847Page - Renesas Technology Corp H8S/2472 Datasheet HTML 848Page - Renesas Technology Corp H8S/2472 Datasheet HTML 849Page - Renesas Technology Corp H8S/2472 Datasheet HTML 850Page - Renesas Technology Corp H8S/2472 Datasheet HTML 851Page - Renesas Technology Corp H8S/2472 Datasheet HTML 852Page - Renesas Technology Corp H8S/2472 Datasheet HTML 853Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 849 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 801 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
value
R/W
Description
18
FR
0
R/W
Frame Reception
Indicates that a frame has been received and the
receive descriptor has been updated. This bit is set to
1 each time a frame is received.
0: Frame not received
1: Frame received
17
RDE
0
R/W
Receive Descriptor Empty
When receive descriptor empty (RDE = 1) occurs,
receiving can be restarted by setting RACT = 1 in the
receive descriptor and initiating receiving.
0: Receive descriptor active bit RACT = 1 not
detected
1: Receive descriptor active bit RACT = 0 detected
16
RFOF
0
R/W
Receive FIFO Overflow
Indicates that the receive FIFO has overflowed during
frame reception.
0: Overflow has not occurred
1: Overflow has occurred
15 to 12
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
11
CND
0
R/W
Carrier Not Detect
Indicates the carrier detection status.
0: A carrier is detected when transmission starts
1: A carrier is not detected when transmission starts
10
DLC
0
R/W
Detect Loss of Carrier
Indicates that loss of the carrier has been detected
during frame transmission.
0: Loss of carrier not detected
1: Loss of carrier detected
9
CD
0
R/W
Delayed Collision Detect
Indicates that a delayed collision has been detected
during frame transmission.
0: Delayed collision not detected
1: Delayed collision detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com