công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 844 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 844 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 840Page - Renesas Technology Corp H8S/2472 Datasheet HTML 841Page - Renesas Technology Corp H8S/2472 Datasheet HTML 842Page - Renesas Technology Corp H8S/2472 Datasheet HTML 843Page - Renesas Technology Corp H8S/2472 Datasheet HTML 844Page - Renesas Technology Corp H8S/2472 Datasheet HTML 845Page - Renesas Technology Corp H8S/2472 Datasheet HTML 846Page - Renesas Technology Corp H8S/2472 Datasheet HTML 847Page - Renesas Technology Corp H8S/2472 Datasheet HTML 848Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 844 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 796 of 1198
REJ09B0403-0200
21.2.3
E-DMAC Receive Request Register (EDRRR)
EDRRR is a 32-bit readable/writable register that issues receive directives to the E-DMAC. When
the receive request bit is set, the E-DMAC reads the relevant receive descriptor. If the receive
descriptor active bit in the descriptor has the "active" setting, the E-DMAC prepares for a receive
request from the EtherC. When one receive buffer of data has been received, the E-DMAC reads
the next descriptor and prepares to receive the next frame. If the receive descriptor active bit in the
descriptor has the "inactive" setting, the RR bit is cleared and operation of the receive DMAC is
halted.
Bit
Bit Name
Initial
value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
0
RR
0
R/W
Receive Request
Check RR = 0 before reception is started.
0: The receive function is disabled*
1: A receive descriptor is read and the E-DMAC is
ready to receive
Note:
*
If the receive function is disabled during frame reception, write-back is not performed
successfully to the receive descriptor. Following pointers to read a receive descriptor
become abnormal and the E-DMAC cannot operate successfully. In this case, to make
the E-DMAC reception enabled again, execute a software reset by the SWR bit in
EDMR. To make the E-DMAC reception disabled without executing a software reset,
set the RE bit in ECMR. Next, after the E_DMAC has completed the reception and
write-back to the receive descriptor has been confirmed, disable the receive function of
this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com