công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 811 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 811 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 807Page - Renesas Technology Corp H8S/2472 Datasheet HTML 808Page - Renesas Technology Corp H8S/2472 Datasheet HTML 809Page - Renesas Technology Corp H8S/2472 Datasheet HTML 810Page - Renesas Technology Corp H8S/2472 Datasheet HTML 811Page - Renesas Technology Corp H8S/2472 Datasheet HTML 812Page - Renesas Technology Corp H8S/2472 Datasheet HTML 813Page - Renesas Technology Corp H8S/2472 Datasheet HTML 814Page - Renesas Technology Corp H8S/2472 Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 763 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
TE
0
R/W
Transmission Enable
0: Transmit function is disabled
1: Transmit function is enabled
If this bit is changed from enabling to disabling while a
frame is being transmitted, the transmit function
remains enabled until transmission of the frame is
completed.
4
0
R
Reserved
This bit is always read as 0. The initial value should
not be changed.
3
ILB
0
R/W
Internal Loop Back Mode
Specifies loopback mode in the EtherC.
0: Normal data transmission/reception is performed.
1: When DM = 1, data loopback is performed inside
the MAC in the EtherC.
2
0
R
Reserved
This bit is always read as 0. The initial value should
not be changed.
1
DM
0
R/W
Duplex Mode
Specifies the EtherC transfer method.
0: Half-duplex transfer is specified
1: Full-duplex transfer is specified
0
PRM
0
R/W
Promiscuous Mode
Setting this bit enables all Ethernet frames to be
received. All Ethernet frames means all receivable
frames, irrespective of differences in or
presence/absence of the destination address,
broadcast address, multicast bit, etc.
0: EtherC performs normal operation
1: EtherC performs promiscuous mode operation
Note:
Bits other than TE and RE should be rewritten while both transmission and reception are
disabled (TE = 0 and also RE =0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com