công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 812 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 812 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 808Page - Renesas Technology Corp H8S/2472 Datasheet HTML 809Page - Renesas Technology Corp H8S/2472 Datasheet HTML 810Page - Renesas Technology Corp H8S/2472 Datasheet HTML 811Page - Renesas Technology Corp H8S/2472 Datasheet HTML 812Page - Renesas Technology Corp H8S/2472 Datasheet HTML 813Page - Renesas Technology Corp H8S/2472 Datasheet HTML 814Page - Renesas Technology Corp H8S/2472 Datasheet HTML 815Page - Renesas Technology Corp H8S/2472 Datasheet HTML 816Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 812 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 764 of 1198
REJ09B0403-0200
20.3.2
EtherC Status Register (ECSR)
ECSR is a 32-bit readable/writable register and indicates the status in the EtherC. This status can
be notified to the CPU by interrupts. When 1 is written to the PSRTO, LCHNG, MPD, and ICD,
the corresponding flags can be cleared. Writing 0 does not affect the flag. For bits that generate
interrupt, the interrupt can be enabled or disabled according to the corresponding bit in ECSIPR.
The interrupts generated due to this status register are indicated in the ECI bit in EESR.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 5
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
4
PSRTO
0
R/W
PAUSE Frame Retransmission Retry Over
Indicates that during the retransmission of PAUSE
frames when the flow control is enabled, the number
of retries has exceeded the upper limit set in the
automatic PAUSE frame retransmission count set
register (TPAUSER).
0: Number of PAUSE frame retransmissions has not
exceeded the upper limit
1: Number of PAUSE frame retransmissions has
exceeded the upper limit
3
0
R
Reserved
This bit is always read as 0. The initial value should
not be changed.
2
LCHNG
0
R/W
Link Signal Change
Indicates that the LNKSTA signal input from the PHY
has changed from high to low or low to high.
To check the current Link state, refer to the LMON bit
in the PHY status register (PSR).
0: Changes in the LNKSTA signal are not detected
1: Changes in the LNKSTA signal are detected (high
to low or low to high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com