công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 815 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 815 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 811Page - Renesas Technology Corp H8S/2472 Datasheet HTML 812Page - Renesas Technology Corp H8S/2472 Datasheet HTML 813Page - Renesas Technology Corp H8S/2472 Datasheet HTML 814Page - Renesas Technology Corp H8S/2472 Datasheet HTML 815Page - Renesas Technology Corp H8S/2472 Datasheet HTML 816Page - Renesas Technology Corp H8S/2472 Datasheet HTML 817Page - Renesas Technology Corp H8S/2472 Datasheet HTML 818Page - Renesas Technology Corp H8S/2472 Datasheet HTML 819Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 767 of 1198
REJ09B0403-0200
20.3.4
PHY Interface Register (PIR)
PIR is a 32-bit readable/writable register that provides a means of accessing the PHY registers via
the RMII.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 4
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
3
MDI
Undefined R
MII Management Data-In
Indicates the level of the MDIO pin.
2
MDO
0
R/W
MII Management Data-Out
Outputs the value set to this bit from the MDIO pin,
when the MMD bit is 1.
1
MMD
0
R/W
MII Management Mode
Specifies the data read/write direction with respect to
the MII.
0: Read direction is indicated
1: Write direction is indicated
0
MDC
0
R/W
MII Management Data Clock
Outputs the value set to this bit from the MDC pin and
supplies the MII with the management data clock. For
the method of accessing the MII registers, see section
20.4.4, Accessing MII Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com