công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 817 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 817 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 813Page - Renesas Technology Corp H8S/2472 Datasheet HTML 814Page - Renesas Technology Corp H8S/2472 Datasheet HTML 815Page - Renesas Technology Corp H8S/2472 Datasheet HTML 816Page - Renesas Technology Corp H8S/2472 Datasheet HTML 817Page - Renesas Technology Corp H8S/2472 Datasheet HTML 818Page - Renesas Technology Corp H8S/2472 Datasheet HTML 819Page - Renesas Technology Corp H8S/2472 Datasheet HTML 820Page - Renesas Technology Corp H8S/2472 Datasheet HTML 821Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 769 of 1198
REJ09B0403-0200
20.3.7
Receive Frame Length Register (RFLR)
RFLR is a 32-bit readable/writable register and it specifies the maximum frame length (in bytes)
that can be received by this LSI. The settings in this register must not be changed while the
receiving function is enabled.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 12
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
11 to 0
RFL11 to
RFL0
All 0
R/W
Receive Frame Length 11 to 0
The frame length described here refers to all fields
from the destination address up to and including the
CRC data. Frame contents from the destination
address up to and including the data are actually
transferred to memory. CRC data is not included in
the transfer.
When data that exceeds the specified value is
received, the part of the data that exceeds the
specified value is discarded.
H'000 to H'5EE: 1,518 bytes
H'5EF: 1,519 bytes
H'5F0: 1,520 bytes
:
:
H'7FF: 2,047 bytes
H'800 to H'FFF: 2,048 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com