công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 819 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 819 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 815Page - Renesas Technology Corp H8S/2472 Datasheet HTML 816Page - Renesas Technology Corp H8S/2472 Datasheet HTML 817Page - Renesas Technology Corp H8S/2472 Datasheet HTML 818Page - Renesas Technology Corp H8S/2472 Datasheet HTML 819Page - Renesas Technology Corp H8S/2472 Datasheet HTML 820Page - Renesas Technology Corp H8S/2472 Datasheet HTML 821Page - Renesas Technology Corp H8S/2472 Datasheet HTML 822Page - Renesas Technology Corp H8S/2472 Datasheet HTML 823Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 771 of 1198
REJ09B0403-0200
20.3.10
Delayed Collision Detect Counter Register (CDCR)
CDCR is a 32-bit counter that indicates the number of delayed collisions on all lines from a start
of transmission. When the value in this register reaches H'FFFFFFFF, count-up is halted. The
counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 COSDC31 to
COSDC0
All 0
R/W
Delayed Collision Detect Count
These bits indicate the number of delayed collisions
on all lines from a start of transmission.
20.3.11
Lost Carrier Counter Register (LCCR)
LCCR is a 32-bit counter that indicates the number of times the carrier was lost during data
transmission. When the value in this register reaches H'FFFFFFFF, the count is halted. The
counter value is cleared to 0 by writing to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 LCC31 to
LCC0
All 0
R/W
Lost Carrier Count
These bits indicate the number of times the carrier
was lost during data transmission.
20.3.12
Carrier Not Detect Counter Register (CNDCR)
CNDCR is a 32-bit counter that indicates the number of times the carrier could not be detected
while the preamble was being sent. When the value in this register reaches H'FFFFFFFF, the count
is halted. The counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 CNDC31 to
CNDC0
All 0
R/W
Carrier Not Detect Count
These bits indicate the number of times the carrier
was not detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com