công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 810 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 810 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 806Page - Renesas Technology Corp H8S/2472 Datasheet HTML 807Page - Renesas Technology Corp H8S/2472 Datasheet HTML 808Page - Renesas Technology Corp H8S/2472 Datasheet HTML 809Page - Renesas Technology Corp H8S/2472 Datasheet HTML 810Page - Renesas Technology Corp H8S/2472 Datasheet HTML 811Page - Renesas Technology Corp H8S/2472 Datasheet HTML 812Page - Renesas Technology Corp H8S/2472 Datasheet HTML 813Page - Renesas Technology Corp H8S/2472 Datasheet HTML 814Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 762 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
16
TXF
0
R/W
Transmit Flow Control Operating mode
0: Transmit flow control function is disabled
(automatic PAUSE frames are not transmitted)
1: Transmit flow control function is enabled
(automatic PAUSE frame is transmitted as
necessary)
15 to 13
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
12
PRCEF
0
R/W
Permit Receive CRC Error Frame
0: A frame with a CRC error is received as a frame
with an error.
1: A frame with a CRC error is received as a frame
without an error. The CEFCR register is therefore
not incremented.
If this bit is clear and a frame with an error is received,
a CRC error is reflected in ECSR of the E-DMAC and
the status of the receive descriptor. If this bit is set to
1, a frame with an error is received as a normal frame.
11, 10
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
9
MPDE
0
R/W
Magic Packet Detection Enable
Enables or disables Magic Packet detection by
hardware to allow activation from the Ethernet.
0: Magic Packet detection is not enabled
1: Magic Packet detection is enabled
8, 7
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
6
RE
0
R/W
Reception Enable
0: Receive function is disabled
1: Receive function is enabled
If this bit is changed from enabling to disabling while a
frame is being received, the receive function remains
enabled until reception of the frame is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com