công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 807 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 807 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 803Page - Renesas Technology Corp H8S/2472 Datasheet HTML 804Page - Renesas Technology Corp H8S/2472 Datasheet HTML 805Page - Renesas Technology Corp H8S/2472 Datasheet HTML 806Page - Renesas Technology Corp H8S/2472 Datasheet HTML 807Page - Renesas Technology Corp H8S/2472 Datasheet HTML 808Page - Renesas Technology Corp H8S/2472 Datasheet HTML 809Page - Renesas Technology Corp H8S/2472 Datasheet HTML 810Page - Renesas Technology Corp H8S/2472 Datasheet HTML 811Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 807 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 759 of 1198
REJ09B0403-0200
20.2
Input/Output Pins
Table 20.1 lists the pin configuration of the EtherC.
Table 20.1
Pin Configuration
Type
Abbreviation
I/O
Function
RM_REF-CLK
Input
Transmit/Receive Clock
Timing reference signal for the RM_TX-EN, RM_TXD1
to RM_TXD0, RM_CRS-DV, RM_RXD1 to RM_RXD0,
and RM_RX-ER signals
RM_TX-EN
Output
Transmit Enable
Indicates that transmit data is ready on pins RM_TXD1
and RM_TXD0.
RM_TXD1
RM_TXD0
Output
Transmit Data
2-bit transmit data
RM_CRS-DV
Input
Carrier Detection/Receive Data Valid
Carrier detection signal/Signal that indicates that valid
receive data is on pins RM_RXD1 and RM_RXD0.
RM_RXD1
RM_RXD0
Input
Receive Data
2-bit receive data
RMII
interface
signals
RM_RX-ER
Input
Receive Error
Indicates the error state during data reception.
MDC
Output
Management Data Clock
Reference clock signal for information transfer via MDIO
PHY
register
interface
signals
MDIO
Input/
Output
Management Data I/O
Bidirectional signal for exchange of management
information between the station management entity
(STA) and physical layer (PHY)
LNKSTA
Input
Link Status
Inputs link status from PHY-LSI
Others
WOL
Output
Wake-On-LAN
Signal indicating reception of Magic Packet
EXOUT
Output
External Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com