công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 809 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 809 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 805Page - Renesas Technology Corp H8S/2472 Datasheet HTML 806Page - Renesas Technology Corp H8S/2472 Datasheet HTML 807Page - Renesas Technology Corp H8S/2472 Datasheet HTML 808Page - Renesas Technology Corp H8S/2472 Datasheet HTML 809Page - Renesas Technology Corp H8S/2472 Datasheet HTML 810Page - Renesas Technology Corp H8S/2472 Datasheet HTML 811Page - Renesas Technology Corp H8S/2472 Datasheet HTML 812Page - Renesas Technology Corp H8S/2472 Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 761 of 1198
REJ09B0403-0200
20.3.1
EtherC Mode Register (ECMR)
ECMR is a 32-bit readable/writable register and specifies the operating mode of the Ethernet
controller. The settings in this register are normally made in the initialization process following a
reset.
The operating mode setting must not be changed while the transmitting and receiving functions
are enabled. To switch the operating mode, return the EtherC and E-DMAC to their initial states
by means of the SWR bit in EDMR before making settings again.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 20
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
19
ZPF
0
R/W
0-Time PAUSE Frame Use Enable
0: Disables PAUSE frame control in which the TIME
parameter is 0.
The next frame is transmitted after the time
indicated by the Timer value has elapsed. When the
EtherC receives a PAUSE frame with the time
indicated by the Timer value set to 0, the PAUSE
frame is discarded.
1: Enables PAUSE frame control in which the TIME
parameter is 0.
A PAUSE frame with the Timer value set to 0 is
transmitted when the number of data in the receive
FIFO is less than the FCFTR value before the time
indicated by the Timer value has not elapsed. When
the EtherC receives a PAUSE frame with the time
indicated by the Timer value set to 0, the transmit
wait state is canceled.
18
PFR
0
R/W
PAUSE Frame Receive Mode
0: PAUSE frame is not transferred to the E-DMAC
1: PAUSE frame is transferred to the E-DMAC
17
RXF
0
R/W
Receive Flow Control Operating Mode
0: PAUSE frame detection function is disabled
1: Receive flow control function is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com