công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 796 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 796 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 792Page - Renesas Technology Corp H8S/2472 Datasheet HTML 793Page - Renesas Technology Corp H8S/2472 Datasheet HTML 794Page - Renesas Technology Corp H8S/2472 Datasheet HTML 795Page - Renesas Technology Corp H8S/2472 Datasheet HTML 796Page - Renesas Technology Corp H8S/2472 Datasheet HTML 797Page - Renesas Technology Corp H8S/2472 Datasheet HTML 798Page - Renesas Technology Corp H8S/2472 Datasheet HTML 799Page - Renesas Technology Corp H8S/2472 Datasheet HTML 800Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 796 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 748 of 1198
REJ09B0403-0200
The serialized interrupt transfer cycle frame configuration is as follows. Two of the states
comprising each frame are the recover state in which the SERIRQ signal is returned to the 1-level
at the end of the frame, and the turnaround state in which the SERIRQ signal is not driven. The
recover state must be driven by the host or slave that was driving the preceding state.
Table 19.10 Serialized Interrupt Transfer Cycle Frame Configuration
Serial Interrupt Transfer Cycle
Frame
Count
Contents
Drive
Source
Number
of States
Notes
0
Start
Slave
Host
6
In quiet mode only, slave drive possible in the
first state, then next 3 states 0-driven by host
1
IRQ0
Slave
3
Drive impossible
2
IRQ1
Slave
3
Drive possible in LPC channel 1 and SCIF
3
SMI
Slave
3
Drive possible in LPC channels 2, 3, and SCIF
4
IRQ3
Slave
3
Drive possible in SCIF or by IRQ3E
5
IRQ4
Slave
3
Drive possible in SCIF or by IRQ4E
6
IRQ5
Slave
3
Drive possible in SCIF or by IRQ5E
7
IRQ6
Slave
3
Drive possible in LPC channels 2, 3, and SCIF
8
IRQ7
Slave
3
Drive possible in SCIF or by IRQ7E
9
IRQ8
Slave
3
Drive possible in SCIF or by IRQ8E
10
IRQ9
Slave
3
Drive possible in LPC channels 2, 3, and SCIF
11
IRQ10
Slave
3
Drive possible in LPC channels 2, 3, and SCIF
12
IRQ11
Slave
3
Drive possible in LPC channels 2, 3, and SCIF
13
IRQ12
Slave
3
Drive possible in LPC channel 1 and SCIF
14
IRQ13
Slave
3
Drive possible in SCIF or by IRQ13E
15
IRQ14
Slave
3
Drive possible in SCIF or by IRQ14E
16
IRQ15
Slave
3
Drive possible in SCIF or by IRQ15E
17
IOCHCK
Slave
3
Drive impossible
18
Stop
Host
Undefined
First, 1 or more idle states, then 2 or 3 states
0-driven by host
2 states: Quiet mode next
3 states: Continuous mode next



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com