công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 793 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 793 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 789Page - Renesas Technology Corp H8S/2472 Datasheet HTML 790Page - Renesas Technology Corp H8S/2472 Datasheet HTML 791Page - Renesas Technology Corp H8S/2472 Datasheet HTML 792Page - Renesas Technology Corp H8S/2472 Datasheet HTML 793Page - Renesas Technology Corp H8S/2472 Datasheet HTML 794Page - Renesas Technology Corp H8S/2472 Datasheet HTML 795Page - Renesas Technology Corp H8S/2472 Datasheet HTML 796Page - Renesas Technology Corp H8S/2472 Datasheet HTML 797Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 745 of 1198
REJ09B0403-0200
Table 19.9
Scope of Initialization in Each LPC interface Mode
Items Initialized
System
Reset
LPC Reset
LPC
Shutdown
LPC transfer cycle sequencer (internal state), LPCBSY and ABRT
flags
Initialized
Initialized
Initialized
SERIRQ transfer cycle sequencer (internal state), CLKREQ and
IRQBSY flags
Initialized
Initialized
Initialized
LPC interface flags
(IBF1, IBF2, IBF3A, IBF3B, MWMF, C/
D1, C/D2, C/D3, OBF1,
OBF2, OBF3A, OBF3B, SWMF, DBU, SMICFLG, SMICIR0, BTSR0,
BTSR1, BTIMSR, BTFVSR0, BTFVSR1), GA20 (internal state)
Initialized
Initialized
Retained
Host interrupt enable bits
(IRQ1E1, IRQ12E1, SMIE2, IRQ6E2, IRQ9E2 to IRQ11E2, SMIE3B,
SMIE3A, IRQ6E3, IRQ9E3 to IRQ11E3, SELREQ, IEDIR2 to
IEDIR3), Q/
C flag
Initialized
Initialized
Retained
LRST flag
Initialized (0) Can be
set/cleared
Can be
set/cleared
SDWN flag
Initialized (0) Initialized (0) Can be
set/cleared
LRSTB bit
Initialized (0) HR: 0
SR: 1
0 (can be
set)
SDWNB bit
Initialized (0) Initialized (0) HS: 0
SS: 1
SDWNE bit
Initialized (0) Initialized (0) HS: 1
SS: 0 or 1
LPC interface operation control bits
(LPC3E to LPC1E, FGA20E, LADR1 to LADR3, IBFIE1 to IBFIE3,
PMEE, PMEB, LSMIE, LSMIB, LSCIE, LSCIB, TWRE, SELSTR3,
SELIRQ1, SELSMI, SELIRQ3 to SELIRQ15, HICR4, HICR5,
SCIFAR, HISEL, BTCSR0, BTCSR1)
Initialized
Retained
Retained
LRESET signal
Input
Input
LPCPD signal
Input (port
function
Input
Input
LAD3 to LAD0,
LFRAME, LCLK, SERIRQ, CLKRUN signals
Input
Hi-Z
PME, LSMI, LSCI, GA20 signals (when function is selected)
Output
Hi-Z
PME, LSMI, LSCI, GA20 signals (when function is not selected)
Port function Port function
Note:
System reset: Reset by STBY input, RES input, or WDT overflow
LPC reset: Reset by LPC hardware reset (HR) or LPC software reset (SR)
LPC shutdown: Reset by LPC hardware shutdown (HS) or LPC software shutdown (SS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com