công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 792 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 792 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 788Page - Renesas Technology Corp H8S/2472 Datasheet HTML 789Page - Renesas Technology Corp H8S/2472 Datasheet HTML 790Page - Renesas Technology Corp H8S/2472 Datasheet HTML 791Page - Renesas Technology Corp H8S/2472 Datasheet HTML 792Page - Renesas Technology Corp H8S/2472 Datasheet HTML 793Page - Renesas Technology Corp H8S/2472 Datasheet HTML 794Page - Renesas Technology Corp H8S/2472 Datasheet HTML 795Page - Renesas Technology Corp H8S/2472 Datasheet HTML 796Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 792 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 744 of 1198
REJ09B0403-0200
Table 19.8 shows the scope of the LPC interface pin shutdown.
Table 19.8
Scope of LPC Interface Pin Shutdown
Abbreviation
Port
Scope of
Shutdown
I/O
Notes
LAD3 to LAD0
PE3 to P30
O
I/O
Hi-Z
LFRAME
PE4
O
Input
Hi-Z
LRESET
PE5
X
Input
LPC hardware reset function is active
LCLK
PE6
O
Input
Hi-Z
SERIRQ
PE7
O
I/O
Hi-Z
LSCI
PD0
∆
I/O
Hi-Z, only when LSCIE = 1
LSMI
PD1
∆
I/O
Hi-Z, only when LSMIE = 1
PME
PD2
∆
I/O
Hi-Z, only when PMEE = 1
GA20
PD3
∆
I/O
Hi-Z, only when FGA20E = 1
CLKRUN
PD4
O
Input
Hi-Z
LPCPD
PD5
X
Input
Needed to clear shutdown state
[Legend]
O:
Pin that is shutdown by the shutdown function
∆:
Pin that is shutdown only when the LPC function is selected by register setting
X:
Pin that is not shutdown
In the LPC shutdown state, the LPC's internal state and some register bits are initialized. The order
of priority of LPC shutdown and reset states is as follows.
1. System reset (reset by
RES pin input, or WDT0 overflow)
All register bits, including bits LPC4E to LPC1E, are initialized.
2. LPC hardware reset (reset by
LRESET pin input)
LRSTB, SDWNE, and SDWNB bits are cleared to 0.
3. LPC software reset (reset by LRSTB)
SDWNE and SDWNB bits are cleared to 0.
4. LPC hardware shutdown
SDWNB bit is cleared to 0.
5. LPC software shutdown
The scope of the initialization in each mode is shown in table 19.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com