công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 795 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 795 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 791Page - Renesas Technology Corp H8S/2472 Datasheet HTML 792Page - Renesas Technology Corp H8S/2472 Datasheet HTML 793Page - Renesas Technology Corp H8S/2472 Datasheet HTML 794Page - Renesas Technology Corp H8S/2472 Datasheet HTML 795Page - Renesas Technology Corp H8S/2472 Datasheet HTML 796Page - Renesas Technology Corp H8S/2472 Datasheet HTML 797Page - Renesas Technology Corp H8S/2472 Datasheet HTML 798Page - Renesas Technology Corp H8S/2472 Datasheet HTML 799Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 795 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 747 of 1198
REJ09B0403-0200
19.4.7
LPC Interface Serialized Interrupt Operation (SERIRQ)
A host interrupt request can be issued from the LPC interface by means of the SERIRQ pin. In a
host interrupt request via the SERIRQ pin, LCLK cycles are counted from the start frame of the
serialized interrupt transfer cycle generated by the host or a peripheral function, and a request
signal is generated by the frame corresponding to that interrupt. The timing is shown in figure
19.10.
IRQ1
IRQ1
Host controller
None
None
SERIRQ
Drive source
LCLK
START
Start frame
IRQ0 frame
IRQ1 frame
IRQ2 frame
SL
or
H
HR
T
R
ST
R
ST
R
S
T
IRQ15
Host controller
None
None
SERIRQ
Driver
LCLK
START
STOP
IOCHCK frame
Stop frame
Next cycle
IRQ14 frame
IRQ15 frame
R
ST
R
ST
R
ST
R
T
H
I
H = Host control, SL = Slave control, R = Recovery, T = Turnaround, S = Sample
H = Host control, R = Recovery, T = Turnaround, S = Sample, I = Idle
Figure 19.10 SERIRQ Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com