công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 798 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 798 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 794Page - Renesas Technology Corp H8S/2472 Datasheet HTML 795Page - Renesas Technology Corp H8S/2472 Datasheet HTML 796Page - Renesas Technology Corp H8S/2472 Datasheet HTML 797Page - Renesas Technology Corp H8S/2472 Datasheet HTML 798Page - Renesas Technology Corp H8S/2472 Datasheet HTML 799Page - Renesas Technology Corp H8S/2472 Datasheet HTML 800Page - Renesas Technology Corp H8S/2472 Datasheet HTML 801Page - Renesas Technology Corp H8S/2472 Datasheet HTML 802Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 750 of 1198
REJ09B0403-0200
19.5
Interrupt Sources
19.5.1
IBFI1, IBFI2, IBFI3, and ERRI
The host has four interrupt requests for the slave (this LSI): IBF1, IBF2, IBF3, and ERRI. IBFI1,
IBFI2, and IBFI3 are IDR receive complete interrupts for IDR1, IDR2, and IDR3 and TWR,
respectively. IBFI3 is also used for SMIC mode and BT mode interrupt requests. The ERRI
interrupt indicates the occurrence of a special state such as an LPC reset, LPC shutdown, or
transfer cycle abort. The LMCI and LMCUI interrupts are command receive complete interrupts.
Table 19.11 Receive Complete Interrupts and Error Interrupt
Interrupt
Description
IBFI1
When IBFIE1 is set to 1 and IDR1 reception is completed
IBFI2
When IBFIE2 is set to 1 and IDR2 reception is completed
IBFI3
When IBFIE3 is set to 1 and IDR3 reception is completed, or when TWRE and
IBFIE3 are set to 1 and reception is completed up to TWR15
ERRI
When ERRIE is set to 1 and one of LRST, SDWN and ABRT is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com