công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 802 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 802 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 798Page - Renesas Technology Corp H8S/2472 Datasheet HTML 799Page - Renesas Technology Corp H8S/2472 Datasheet HTML 800Page - Renesas Technology Corp H8S/2472 Datasheet HTML 801Page - Renesas Technology Corp H8S/2472 Datasheet HTML 802Page - Renesas Technology Corp H8S/2472 Datasheet HTML 803Page - Renesas Technology Corp H8S/2472 Datasheet HTML 804Page - Renesas Technology Corp H8S/2472 Datasheet HTML 805Page - Renesas Technology Corp H8S/2472 Datasheet HTML 806Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 802 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 754 of 1198
REJ09B0403-0200
19.6
Usage Note
19.6.1
Data Conflict
The LPC interface provides buffering of asynchronous data from the host and slave (this LSI), but
an interface protocol that uses the flags in STR must be followed to avoid data conflict. For
example, if the host and slave both try to access IDR or ODR at the same time, the data will be
corrupted. To prevent simultaneous accesses, IBF and OBF must be used to allow access only to
data for which writing has finished.
Unlike the IDR and ODR registers, the transfer direction is not fixed for the bidirectional data
registers (TWR). MWMF and SWMF are provided in STR to handle this situation. After writing
to TWR0, MWMF and SWMF must be used to confirm that the write authority for TWR1 to
TWR15 has been obtained.
Table 19.14 shows host address examples for LADR3 and registers, IDR3, ODR3, STR3,
TWR0MW, TWR0SW, and TWR1 to TWR15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com