công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 797 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 797 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 793Page - Renesas Technology Corp H8S/2472 Datasheet HTML 794Page - Renesas Technology Corp H8S/2472 Datasheet HTML 795Page - Renesas Technology Corp H8S/2472 Datasheet HTML 796Page - Renesas Technology Corp H8S/2472 Datasheet HTML 797Page - Renesas Technology Corp H8S/2472 Datasheet HTML 798Page - Renesas Technology Corp H8S/2472 Datasheet HTML 799Page - Renesas Technology Corp H8S/2472 Datasheet HTML 800Page - Renesas Technology Corp H8S/2472 Datasheet HTML 801Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 797 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 749 of 1198
REJ09B0403-0200
There are two modes
continuous mode and quiet modefor serialized interrupts. The mode
initiated in the next transfer cycle is selected by the stop frame of the serialized interrupt transfer
cycle that ended before that cycle.
In continuous mode, the host initiates host interrupt transfer cycles at regular intervals. In quiet
mode, the slave with interrupt sources requiring a request can also initiate an interrupt transfer
cycle, in addition to the host. In quiet mode, since the host does not necessarily initiate interrupt
transfer cycles, it is possible to suspend the clock (LCLK) supply and enter the power-down state.
In order for a slave to transfer an interrupt request in this case, a request to restart the clock must
first be issued to the host.
19.4.8
LPC Interface Clock Start Request
A request to restart the clock (LCLK) can be sent to the host by means of the
CLKRUN pin. With
LPC data transfer and SERIRQ in continuous mode, a clock restart is never requested since the
transfer cycles are initiated by the host. With SERIRQ in quiet mode, when a host interrupt
request is generated the
CLKRUN signal is driven and a clock (LCLK) restart request is sent to
the host. The timing for this operation is shown in figure 19.11.
LCLK
CLKRUN
Pull-up enable
Driven by the host processor
Driven by the slave processor
1
2
3
4
5
6
Figure 19.11 Clock Start Request Timing
Cases other than SERIRQ in quiet mode when clock restart is required must be handled with a
different protocol, using the
PME signal, etc.
19.4.9
SCIF Control from LPC Interface
Setting the SCIFE bit in HICR5 to 1 allows the LPC host to communicate with the SCIF. Then,
the LPC interface can access the registers of the module SCIF other than SCIFCR. For details on
transmission and reception, see section 15, Serial Communication Interface with FIFO (SCIF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com