công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 704 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 704 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 700Page - Renesas Technology Corp H8S/2472 Datasheet HTML 701Page - Renesas Technology Corp H8S/2472 Datasheet HTML 702Page - Renesas Technology Corp H8S/2472 Datasheet HTML 703Page - Renesas Technology Corp H8S/2472 Datasheet HTML 704Page - Renesas Technology Corp H8S/2472 Datasheet HTML 705Page - Renesas Technology Corp H8S/2472 Datasheet HTML 706Page - Renesas Technology Corp H8S/2472 Datasheet HTML 707Page - Renesas Technology Corp H8S/2472 Datasheet HTML 708Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 704 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 656 of 1198
REJ09B0403-0200
Table 18.13 I
2C Bus Timing (with Maximum Influence of t
Sr/tSf)
Time Indication (at Maximum Transfer Rate) [ns]
Item
t
cyc
Indication
t
Sr/tSf
Influence
(Max.)
I
2C Bus
Specifi-
cation (Min.)
φ = 20 MHz
φ = 25 MHz
φ = 34 MHz
Standard mode
φ/200
φ/224
φ/224
High-speed mode
φ/48
φ/56
φ/80
t
SCLHO
Standard mode
–1000
4000
4000
3480
3706
0.5 t
SCLO (–tSr)
High-speed mode
–300
600
900
820
876
t
SCLLO
Standard mode
–250
4700
4750
4230
4456
0.5 t
SCLO (–tSf)
High-speed mode
–250
1300
950*
1
870*
1
926*
1
t
BUFO
Standard mode
–1000
4700
3950*
1
3440*
1
3676*
1
0.5 t
SCLO –1 tcyc
( –t
Sr)
High-speed mode
–300
1300
850*
1
780*
1
847*
1
t
STAHO
Standard mode
–250
4000
4700
4190
4426
0.5 t
SCLO –1 tcyc
(–t
Sf)
High-speed mode
–250
600
900
830
897
t
STASO
Standard mode
–1000
4700
9000
7960
8412
1 t
SCLO (–tSr)
High-speed mode
–300
600
2100
1940
2053
t
STOSO
Standard mode
–1000
4000
4100
3560
3765
0.5 t
SCLO + 2 tcyc
(–t
Sr)
High-speed mode
–300
600
1000
900
935
Standard mode
–1000
250
3600
3110
3368
t
SDASO
(master)
1 t
SCLLO*
3 –3 t
cyc
(–t
Sr)
High-speed mode
–300
100
500
450
538
Standard mode
–1000
250
3100
3220
3347
t
SDASO
(slave)
1 t
SCLL*
3 –12
t
cyc*
2
(–t
Sr)
High-speed mode
–300
100
400
520
64
t
SDAHO
3 t
cyc
Standard mode
0
0
150
120
88
High-speed mode
0
0
150
120
88
Notes: 1. Does not meet the I
2C bus interface specification. Remedial action such as the following
is necessary: (a) secure a start/stop condition issuance interval; (b) adjust the rise and
fall times by means of a pull-up resistor and capacitive load; (c) reduce the transfer rate;
(d) select slave devices whose input timing permits this output timing.
The values in the above table will vary depending on the settings of the bits TCSS,
IICX3 to IICX0 and CKS2 to CKS0. Depending on the frequency it may not be possible
to achieve the maximum transfer rate; therefore, whether or not the I
2C bus interface
specifications are met must be determined in accordance with the actual setting
conditions.
2. Value when the IICXn bit is set to 1. When the IICXn bit is cleared to 0, the value is
(– 6t
cyc) (n = 0 to 5).
3.
Calculated using the I
2C bus specification values (standard mode: 4700 ns min.; high-
speed mode: 1300 ns min.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com