công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 701 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 701 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 697Page - Renesas Technology Corp H8S/2472 Datasheet HTML 698Page - Renesas Technology Corp H8S/2472 Datasheet HTML 699Page - Renesas Technology Corp H8S/2472 Datasheet HTML 700Page - Renesas Technology Corp H8S/2472 Datasheet HTML 701Page - Renesas Technology Corp H8S/2472 Datasheet HTML 702Page - Renesas Technology Corp H8S/2472 Datasheet HTML 703Page - Renesas Technology Corp H8S/2472 Datasheet HTML 704Page - Renesas Technology Corp H8S/2472 Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 653 of 1198
REJ09B0403-0200
18.6
Usage Notes
1. In master mode, if an instruction to generate a start condition is immediately followed by an
instruction to generate a stop condition, neither condition will be output correctly. To output
consecutive start and stop conditions*, after issuing the instruction that generates the start
condition, read the relevant DR registers of I
2C bus output pins, check that SCL and SDA are
both low. If the ICE bit is set to 1, pin state can be monitored by reading DR register. Then
issue the instruction that generates the stop condition. Note that SCL may not yet have gone
low when BBSY is cleared to 0.
Note: * An illegal procedure in the I
2C bus specification.
2. Either of the following two conditions will start the next transfer. Pay attention to these
conditions when accessing to ICDR.
 Write to ICDR when ICE = 1 and TRS = 1 (including automatic transfer from ICDRT to
ICDRS)
 Read from ICDR when ICE = 1 and TRS = 0 (including automatic transfer from ICDRS to
ICDRR)
3. Table 18.11 shows the timing of SCL and SDA outputs in synchronization with the internal
clock. Timings on the bus are determined by the rise and fall times of signals affected by the
bus load capacitance, series resistance, and parallel resistance.
Table 18.11 I
2C Bus Timing (SCL and SDA Outputs)
Item
Symbol Output Timing
Unit
Notes
SCL output cycle time
t
SCLO
28 t
cyc to 512 tcyc
ns
SCL output high pulse width
t
SCLHO
0.5 t
SCLO
ns
SCL output low pulse width
t
SCLLO
0.5 t
SCLO
ns
SDA output bus free time
t
BUFO
0.5 t
SCLO – 1 tcyc
ns
Start condition output hold time
t
STAHO
0.5 t
SCLO – 1 tcyc
ns
Retransmission start condition output
setup time
t
STASO
1 t
SCLO
ns
Stop condition output setup time
t
STOSO
0.5 t
SCLO + 2 tcyc
ns
Data output setup time (master)
1 t
SCLLO – 3 tcyc
Data output setup time (slave)
t
SDASO
1 t
SCLLO – (6 tcyc or 12 tcyc*)
ns
Data output hold time
t
SDAHO
3 t
cyc
ns
See figure
31.32
(reference)
Note:
*
6 t
cyc when IICXn is 0, 12 tcyc when IICXn is 1 (n = 0 to 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com