công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 702 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 702 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 698Page - Renesas Technology Corp H8S/2472 Datasheet HTML 699Page - Renesas Technology Corp H8S/2472 Datasheet HTML 700Page - Renesas Technology Corp H8S/2472 Datasheet HTML 701Page - Renesas Technology Corp H8S/2472 Datasheet HTML 702Page - Renesas Technology Corp H8S/2472 Datasheet HTML 703Page - Renesas Technology Corp H8S/2472 Datasheet HTML 704Page - Renesas Technology Corp H8S/2472 Datasheet HTML 705Page - Renesas Technology Corp H8S/2472 Datasheet HTML 706Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 654 of 1198
REJ09B0403-0200
4. SCL and SDA input are sampled in synchronization with the internal clock. The AC timing
therefore depends on the system clock cycle t
cyc, as shown in section 31, Electrical
Characteristics. Note that the I
2C bus interface AC timing specification will not be met with a
system clock frequency of less than 5 MHz.
5. The I
2C bus interface specification for the SCL rise time t
sr is 1000 ns or less (300 ns for high-
speed mode). In master mode, the I
2C bus interface monitors the SCL line and synchronizes
one bit at a time during communication. If t
sr (the time for SCL to go from low to VIH) exceeds
the time determined by the input clock of the I
2C bus interface, the high period of SCL is
extended. The SCL rise time is determined by the pull-up resistance and load capacitance of
the SCL line. To insure proper operation at the set transfer rate, adjust the pull-up resistance
and load capacitance so that the SCL rise time does not exceed the values given in table 18.12.
Table 18.12 Permissible SCL Rise Time (t
sr) Values
Time Indication [ns]
TCSS
IICXn
t
cyc Indi-
cation
I
2C Bus Specification
(Max.)
φ = 20 MHz
φ = 25 MHz
φ = 34 MHz
Standard
mode
1000
375
300
221
0
7.5 t
cyc
High-speed
mode
300
300
300
221
0
1
Standard
mode
1000
875
700
515
1
0
17.5 t
cyc
High-speed
mode
300
300
300
300
Standard
mode
1000
1000
1000
1000
1
1
37.5 t
cyc
High-speed
mode
300
300
300
300
Note:
n = 0 to 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com