công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 706 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 706 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 702Page - Renesas Technology Corp H8S/2472 Datasheet HTML 703Page - Renesas Technology Corp H8S/2472 Datasheet HTML 704Page - Renesas Technology Corp H8S/2472 Datasheet HTML 705Page - Renesas Technology Corp H8S/2472 Datasheet HTML 706Page - Renesas Technology Corp H8S/2472 Datasheet HTML 707Page - Renesas Technology Corp H8S/2472 Datasheet HTML 708Page - Renesas Technology Corp H8S/2472 Datasheet HTML 709Page - Renesas Technology Corp H8S/2472 Datasheet HTML 710Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 706 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 658 of 1198
REJ09B0403-0200
8. Notes on start condition issuance for retransmission
Figure 18.30 shows the timing of start condition issuance for retransmission, and the timing for
subsequently writing data to ICDR, together with the corresponding flowchart. Write the
transmit data to ICDR after the start condition for retransmission is issued and then the start
condition is actually generated.
SDA
IRIC
SCL
ACK
Bit 7
[3] (Retransmission) Start condition instruction issuance
[4] IRIC determination
[5] ICDR write (transmit data)
[2] Determination of SCL = Low
[1] IRIC determination
Start condition generation
(retransmission)
IRIC = 1?
Yes
Clear IRIC in ICCR
Read SCL pin
Write transmit data to ICDR
Set BBSY = 1,
SCP = 0 (ICCR)
[1]
[1] Wait for end of 1-byte transfer
[2] Determine whether SCL is low
[3] Issue start condition instruction for retransmission
[4] Determine whether start condition is generated or not
[5] Set transmit data (slave address + R/
W)
[2]
[3]
[4]
[5]
Yes
No
No
IRIC = 1?
Yes
SCL = Low?
No
Note: Program so that processing from [3] to [5]
is executed continuously.
9
Figure 18.30 Flowchart for Start Condition Issuance Instruction
for Retransmission and Timing
Note:
This restriction on usage can be canceled by setting the FNC1 and FNC0 bits to B'11 in
ICXR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com