công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 707 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 707 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 703Page - Renesas Technology Corp H8S/2472 Datasheet HTML 704Page - Renesas Technology Corp H8S/2472 Datasheet HTML 705Page - Renesas Technology Corp H8S/2472 Datasheet HTML 706Page - Renesas Technology Corp H8S/2472 Datasheet HTML 707Page - Renesas Technology Corp H8S/2472 Datasheet HTML 708Page - Renesas Technology Corp H8S/2472 Datasheet HTML 709Page - Renesas Technology Corp H8S/2472 Datasheet HTML 710Page - Renesas Technology Corp H8S/2472 Datasheet HTML 711Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 707 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 659 of 1198
REJ09B0403-0200
9. Note on when I
2C bus interface stop condition instruction is issued
In a situation where the rise time of the 9th clock of SCL exceeds the stipulated value because
of a large bus load capacity or where a slave device in which a wait can be inserted by driving
the SCL pin low is used, the stop condition instruction should be issued after reading SCL after
the rise of the 9th clock pulse and determining that it is low.
Stop condition generation
SCL
IRIC
[1] SCL = low determination
VIH
[2] Stop condition instruction issuance
SDA
9th clock
Secures a high period
SCL is detected as low
because the rise of the
waveform is delayed
Figure 18.31 Stop Condition Issuance Timing
Note:
This restriction on usage can be canceled by setting the FNC1 and FNC0 bits to B'11 in
ICXR.
10. Note on IRIC flag clear when the wait function is used
When the wait function is used in I
2C bus interface master mode and in a situation where the
rise time of SCL exceeds the stipulated value or where a slave device in which a wait can be
inserted by driving the SCL pin low is used, the IRIC flag should be cleared after determining
that the SCL is low.
If the IRIC flag is cleared to 0 when WAIT = 1 while the SCL is extending the high level time,
the SDA level may change before the SCL goes low, which may generate a start or stop
condition erroneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com