công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 708 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 708 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 704Page - Renesas Technology Corp H8S/2472 Datasheet HTML 705Page - Renesas Technology Corp H8S/2472 Datasheet HTML 706Page - Renesas Technology Corp H8S/2472 Datasheet HTML 707Page - Renesas Technology Corp H8S/2472 Datasheet HTML 708Page - Renesas Technology Corp H8S/2472 Datasheet HTML 709Page - Renesas Technology Corp H8S/2472 Datasheet HTML 710Page - Renesas Technology Corp H8S/2472 Datasheet HTML 711Page - Renesas Technology Corp H8S/2472 Datasheet HTML 712Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 708 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 660 of 1198
REJ09B0403-0200
SCL
IRIC
[1] SCL = low determination
VIH
[2] IRIC clear
SDA
Secures a high period
SCL = low detected
Figure 18.32 IRIC Flag Clearing Timing When WAIT = 1
Note:
This restriction on usage can be canceled by setting the FNC1 and FNC0 bits to B'11 in
ICXR.
11. Note on ICDR register read and ICCR register access in slave transmit mode
In I
2C bus interface slave transmit mode, do not read ICDR or do not read/write from/to ICCR
during the time shaded in figure 18.33. However, such read and write operations source no
problem in interrupt handling processing that is generated in synchronization with the rising
edge of the 9th clock pulse because the shaded time has passed before making the transition to
interrupt handling.
To handle interrupts securely, be sure to keep either of the following conditions.
 Read ICDR data that has been received so far or read/write from/to ICCR before starting
the receive operation of the next slave address.
 Monitor the BC2 to BC0 counter in ICMR; when the count is B'000 (8th or 9th clock
pulse), wait for at least two transfer clock times in order to read ICDR or read/write from/to
ICCR during the time other than the shaded time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com