| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 712 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 712 Page - Renesas Technology Corp |
|
712 / 1250 page ![]() Section 18 I 2C Bus Interface (IIC) Rev. 2.00 Aug. 20, 2008 Page 664 of 1198 REJ09B0403-0200 S S S A A A A A SLA SLA SLA DATA1 DATA2 SLA R/ W R/ W R/ W R/ W A DATA3 A DATA4 I2C bus interface (Master transmit mode) Transmit data match Transmit timing match • Receive address is ignored • Automatically transferred to slave receive mode • Receive data is recognized as an address • When the receive data matches to the address set in the SAR or SARX register, the I2C bus interface operates as a slave device. • Arbitration is lost • The AL flag in ICSR is set to 1 Transmit data does not match Data contention Other device (Master transmit mode) I2C bus interface (Slave receive mode) Figure 18.35 Diagram of Erroneous Operation when Arbitration Lost Though it is prohibited in the normal I 2C protocol, the same problem may occur when the MST bit is erroneously set to 1 and a transition to master mode is occurred during data transmission or reception in slave mode. When the MST bit is set to 1 during data transmission or reception in slave mode, the arbitration decision circuit is enabled and arbitration is lost if conditions are satisfied. In this case, the transmit/receive data which is not an address may be erroneously recognized as an address. In multi-master mode, pay attention to the setting of the MST bit when a bus conflict may occur. In this case, the MST bit in the ICCR register should be set to 1 according to the order below. A. Make sure that the BBSY flag in the ICCR register is 0 and the bus is free before setting the MST bit. B. Set the MST bit to 1. C. To confirm that the bus was not entered to the busy state while the MST bit is being set, check that the BBSY flag in the ICCR register is 0 immediately after the MST bit has been set. Note: Above restrictions can be released by setting the bits FNC1 and FNC2 in ICXR to B'11. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |