công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 713 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 713 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 709Page - Renesas Technology Corp H8S/2472 Datasheet HTML 710Page - Renesas Technology Corp H8S/2472 Datasheet HTML 711Page - Renesas Technology Corp H8S/2472 Datasheet HTML 712Page - Renesas Technology Corp H8S/2472 Datasheet HTML 713Page - Renesas Technology Corp H8S/2472 Datasheet HTML 714Page - Renesas Technology Corp H8S/2472 Datasheet HTML 715Page - Renesas Technology Corp H8S/2472 Datasheet HTML 716Page - Renesas Technology Corp H8S/2472 Datasheet HTML 717Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 713 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 665 of 1198
REJ09B0403-0200
Section 19 LPC Interface (LPC)
This LSI has an on-chip LPC interface.
The LPC includes three register sets, each of which comprises data and status registers, control
register, the fast Gate A20 logic circuit, and the host interrupt request circuit.
The LPC performs serial transfer of cycle type, address, and data, synchronized with the 33 MHz
PCI clock. It uses four signal lines for address/data and one for host interrupt requests. This LPC
module supports I/O read and I/O write cycle transfers. It is also provided with power-down
functions that can control the PCI clock and shut down the LPC interface.
19.1
Features
• Supports LPC interface I/O read and I/O write cycles
 Uses four signal lines (LAD3 to LAD0) to transfer the cycle type, address, and data.
 Uses three control signals: clock (LCLK), reset (LRESET), and frame (LFRAME).
• Three register sets comprising data and status registers
 The basic register set comprises three bytes: an input register (IDR), output register (ODR),
and status register (STR).
 I/O addresses from H'0000 to H'FFFF are selected for channels 1 to 3.
 A fast Gate A20 function is provided for channel 1.
 For channel 3, sixteen bidirectional data register bytes can be manipulated in addition to
the basic register set.
• Supports SCIF
 The LPC interface is connected to the SCIF, allowing direct control of the SCIF by the
LPC host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com