công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 716 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 716 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 712Page - Renesas Technology Corp H8S/2472 Datasheet HTML 713Page - Renesas Technology Corp H8S/2472 Datasheet HTML 714Page - Renesas Technology Corp H8S/2472 Datasheet HTML 715Page - Renesas Technology Corp H8S/2472 Datasheet HTML 716Page - Renesas Technology Corp H8S/2472 Datasheet HTML 717Page - Renesas Technology Corp H8S/2472 Datasheet HTML 718Page - Renesas Technology Corp H8S/2472 Datasheet HTML 719Page - Renesas Technology Corp H8S/2472 Datasheet HTML 720Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 668 of 1198
REJ09B0403-0200
19.2
Input/Output Pins
Table 19.1 lists the LPC pin configuration.
Table 19.1
Pin Configuration
Name
Abbreviation
Port
I/O
Function
LPC address/
data 3 to 0
LAD3 to LAD0 PE to PE0
I/O
Cycle type/address/data signals
serially (4-signal-line) transferred in
synchronization with LCLK
LPC frame
LFRAME
PE4
Input*
1
Transfer cycle start and forced
termination signal
LPC reset
LRESET
PE5
Input*
1
LPC interface reset signal
LPC clock
LCLK
PE6
Input
33-MHz PCI clock signal
Serialized
interrupt request
SERIRQ
PE7
I/O*
1
Serialized host interrupt request
signal (SMI, HIRQ1 to HIRQ15) in
synchronization with LCLK
LSCI general
output
LSCI
PD0
Output*
1, *2
General output
LSMI general
output
LSMI
PD1
Output*
1, *2
General output
PME general
output
PME
PD2
Output*
1, *2
General output
GATE A20
GA20
PD3
Output*
1, *2
Gate A20 control signal output
LPC clock run
CLKRUN
PD4
I/O*
1, *2
LCLK restart request signal when
serial host interrupt is requested
LPC power-down
LPCPD
PD5
Input*
1
LPC module shutdown signal
Notes: 1. Pin state monitoring input is possible in addition to the LPC interface control
input/output function.
2. Only 0 can be output. If 1 is output, the pin is in the high-impedance state, so an
external resistor is necessary to pull the signal up to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com