công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 720 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 720 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 716Page - Renesas Technology Corp H8S/2472 Datasheet HTML 717Page - Renesas Technology Corp H8S/2472 Datasheet HTML 718Page - Renesas Technology Corp H8S/2472 Datasheet HTML 719Page - Renesas Technology Corp H8S/2472 Datasheet HTML 720Page - Renesas Technology Corp H8S/2472 Datasheet HTML 721Page - Renesas Technology Corp H8S/2472 Datasheet HTML 722Page - Renesas Technology Corp H8S/2472 Datasheet HTML 723Page - Renesas Technology Corp H8S/2472 Datasheet HTML 724Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 672 of 1198
REJ09B0403-0200
R/W
Bit
Bit Name
Initial
Value
Slave Host
Description
4
FGA20E
0
R/W
Fast Gate A20 Function Enable
Enables or disables the fast Gate A20 function. The
PD3DDR bit should be cleared to 0 when the LPC is
used. With the fast Gate A20 disabled, the normal
Gate A20 can be implemented by firmware controlling
PD3 output.
0: Fast Gate A20 function disabled
General I/O function of pin PD3 is enabled
The internal state of GA20 output is initialized to 1
1: Fast Gate A20 function enabled
GA20 pin output is open-drain (external pull-up
resistor (Vcc) required)
3
SDWNE
0
R/W
LPC Software Shutdown Enable
Controls LPC interface shutdown. For details of the
LPC shutdown function, and the scope of initialization
by an LPC reset and an LPC shutdown, see section
19.4.6, LPC Interface Shutdown Function (LPCPD).
0: Normal state, LPC software shutdown setting
enabled
[Clearing conditions]
• Writing 0
• LPC hardware reset or LPC software reset
• LPC hardware shutdown release (rising edge of
LPCPD signal)
1: LPC hardware shutdown state setting enabled
Hardware shutdown state when
LPCPD signal is
low level
[Setting condition]
Writing 1 after reading SDWNE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com