công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 577 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 577 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 573Page - Renesas Technology Corp H8S/2472 Datasheet HTML 574Page - Renesas Technology Corp H8S/2472 Datasheet HTML 575Page - Renesas Technology Corp H8S/2472 Datasheet HTML 576Page - Renesas Technology Corp H8S/2472 Datasheet HTML 577Page - Renesas Technology Corp H8S/2472 Datasheet HTML 578Page - Renesas Technology Corp H8S/2472 Datasheet HTML 579Page - Renesas Technology Corp H8S/2472 Datasheet HTML 580Page - Renesas Technology Corp H8S/2472 Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 529 of 1198
REJ09B0403-0200
15.4.2
Operation in Asynchronous Communication
Figure 15.2 illustrates the typical format for asynchronous serial communication. One frame
consists of a start bit (low level), followed by transmit/receive data (LSB-first: from the least
significant bit), a parity bit, and a stop bit (high level). In asynchronous serial communication, the
transmission line is usually held high in the mark state (high level). The SCIF monitors the
transmission line, and when it detects the space state (low level), recognizes a start bit and starts
serial communication. Inside the SCIF, the transmitter and receiver are independent units,
enabling full-duplex communication. Both of the transmitter and receiver also have a 16-stage
FIFO buffered structure so that data can be read or written during transmission or reception,
enabling continuous data transmission and reception.
Serial data
1
1
0
D0
D1
D2
D3
D4
D5
D6
D7
0/1
11
Idle state (mark state)
Transmit/receive data
Stop bit
1, 1.5,
or
2 bits
1 bit
1 bit
or
none
5, 6, 7, or 8 bits
Start
bit
Parity
bit
One unit of transfer data (character or frame)
Figure 15.2 Data Format in Serial Transmission/Reception
(Example with 8-Bit Data, Parity and 2 Stop Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com