công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 581 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 581 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 577Page - Renesas Technology Corp H8S/2472 Datasheet HTML 578Page - Renesas Technology Corp H8S/2472 Datasheet HTML 579Page - Renesas Technology Corp H8S/2472 Datasheet HTML 580Page - Renesas Technology Corp H8S/2472 Datasheet HTML 581Page - Renesas Technology Corp H8S/2472 Datasheet HTML 582Page - Renesas Technology Corp H8S/2472 Datasheet HTML 583Page - Renesas Technology Corp H8S/2472 Datasheet HTML 584Page - Renesas Technology Corp H8S/2472 Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 533 of 1198
REJ09B0403-0200
15.4.4
Data Transmission/Reception with Flow Control
The following shows examples of data transmission/reception for flow control using CTS and
RTS.
(1)
Initialization
Figure 15.6 shows an example of the initialization flowchart.
Start initialization
(Transmission/reception standby flow)
Clear module stop
Set SCIFCR
Set DLAB bit in FLCR to 1
Set FDLH and FDLL
Clear DLAB bit in FLCR to 0
Set data transfer format in FLCR
Set FIFO with FFCR
Set interrupt enable bits in FIER
Set RTS bit in FMCR to 1
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[1] Select an input clock with the CKSEL1 and CKSEL0
bits in SCIFCR. Set the SCIF input/output pins with
the SCIFOE1 and SCIFOE0 bits in SCIFCR.
[2] Set the DLAB bit in FLCR to 1 to enable access to
FDLL and FDLH.
[3] The initial value of FDLL and FDLH is 0. Set a value
within the range from 1 to 65535.
[4] Clear the DLAB bit in FLCR to 0 to disable access to
FDLL and FDLH.
[5] Select parity with the EPS and PEN bits in FLCR, and
set the stop bit with the STOP bit in FLCR. Then, set
the data length with the CLS1 and CLS0 bits in FLCR.
Set the FIFOE bit in FFCR to 1 to enable the FIFO.
[6] Set the receive FIFO trigger level with the RCVRTRIG1
and RCVRTRIG0 bits in FFCR. Select the best trigger
level to prevent an overflow of the receive FIFO.
[7] Set the EDSSI and ERBFI bits in FIER to 1 to enable a
modem status interrupt and receive data ready interrupt.
[8] Set the RTS bit in FMCR to 1.
Figure 15.6 Example of Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com