công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 580 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 580 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 576Page - Renesas Technology Corp H8S/2472 Datasheet HTML 577Page - Renesas Technology Corp H8S/2472 Datasheet HTML 578Page - Renesas Technology Corp H8S/2472 Datasheet HTML 579Page - Renesas Technology Corp H8S/2472 Datasheet HTML 580Page - Renesas Technology Corp H8S/2472 Datasheet HTML 581Page - Renesas Technology Corp H8S/2472 Datasheet HTML 582Page - Renesas Technology Corp H8S/2472 Datasheet HTML 583Page - Renesas Technology Corp H8S/2472 Datasheet HTML 584Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 532 of 1198
REJ09B0403-0200
(3)
Serial Data Reception
Figure 15.5 shows an example of the data reception flowchart.
Start reception
Read DR flag in FLSR
Read RXFIFOERR, BI, PE and OE
flag in FLSR
Read FRBR
Error processing
Read DR flag in FLSR
DR = 1
RXFIFOERR = 1,
BI = 1, FE = 1,
PE = 1, or OE = 1
Yes
No
No
No
No
Yes
Yes
All data read
(End of reception or reception standby)
Yes
Initialization
[1]
[2]
[3]
[4]
DR = 0
[1]
Confirm that the DR flag in FLSR is 1 to ensure that
receive data is in the buffer. When the OUT2 bit in
FMCR and the ERBFI bit in FIER are set to 1, a
receive data ready interrupt occurs.
[2]
Read the RXFIFOERR, BI, FE, PE, and OE flags in
FLSR to ensure that no error has occurred. If an
error has occurred, perform error processing. When
the OUT2 bit in FMCR and the ELSI bit in FIER are
set to 1, a receive line status interrupt occurs.
[3]
Read the receive data in FRBR.
[4]
Check the DR flag in FLSR. When the DR flag is
cleared to 0 and all data has been read, data reception
is complete.
Figure 15.5 Example of Data Reception Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com